Part Number Hot Search : 
TFR315C MC33063 ATA68 018010 TLP747G MAX6641 GBU8A07 P6KE18
Product Description
Full Text Search
 

To Download MIP301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Intelligent Power Devices (IPDs)
MIP301
Silicon MOS IC
s Features
q 100V high breakdown voltage MOS FET and CMOS control circuits are integrated into one chip q 5V and 3 - 5W output with 24VDC input (Flyback method)
unit: mm
0.60.3 0.40.25 1 2 3 4
8 5.00.3 1.50.2 4.20.3 6.50.3 7 6 5
s Applications
1.27 0.10.1 0.3
q IPD for DC/DC converter
s Absolute Maximum Ratings (Ta = 25 3C)
Parameter Drain voltage Control voltage Input voltage Output current Control current Channel temperature Storage temperature Symbol VD VC VIN ID IC Tch Tstg Ratings 90 8 30 1.1 0.1 150 -55 to +150 Unit V V V A A C C
1: VIN 5: Drain 2: Source 6: Source 3: Source 7: Source 4: Control 8: Source SO-8P Type Package
s Block Diagram
Control pin Shunt regulator
Shutdown/Auto-restart
0 Auto-restart Power supply for internal circuit T R
Drain pin Auto-restart current-source D Q Q Ron X ID + Power MOS FET +
VIN
5.7V 4.7V +
+ -
1
PWM control current
Thermal shutdown circuit
S Restarting trigger circuit R
Q Q
Max Duty Clock Sawtooth S + R Q Q Leading edge blanking
Low pass filter
Minimum ON-time delay circuit Source pin
0.20.1 0.65
1
Intelligent Power Devices (IPDs)
s Electrical Characteristics (TC = 25 2C)
Parameter Output frequency Maximum duty cycle Control functions Minimum duty cycle PWM gain Circuit current Dynamic impedance Control pin charging current Auto-restart Auto-restart threshold voltage Lockout threshold voltage Auto-restart hysteresis voltage Self-protection current limit Leading edge blanking delay Circuit protection Current limit delay Symbol fOSC IC = 2mA Conditions min 180 77 0 -21 0.8 IC = 3mA VC = 0 VC = 5V 10 -2 5 4 0.5 0.9 IC = 3mA IC = 3mA IC = 3mA ID = 1A VDS = 82V Output MOS FET disabled ID = 0.25mA Output MOS FET disabled 92 0.1 0.1 16 10 5.5 IC = 3mA Output MOS FET disabled 5.4 0.5 5.7 0.8 130 2.3 typ 200 80 3 -16 2.5 15
MIP301
max Unit 220 83 5 kHz % %
MAXDC IC = 2mA MINDC IC = 10mA GPWM Is ZC IC VC(on) VC(off) VC ILIMIT ton(BLK) td(OCL)
-11 %/mA 4 25 -1.2 mA mA mA V V V A s s 150 4.2 2.2 0.25 C V mA V 0.2 0.2 18.2 12.2 7.5 6.1 1.1 s s V V V V mA
-2.4 -1.9
-1.5 - 0.8 5.7 4.7 1 1 0.25 0.1 140 3.3 1.8 0.01 6.3 5.3 1.5 1.1
Thermal shutdown temperature TOTP Power-up reset threshold voltage VC reset ON-state resistance OFF-state current Output Breakdown voltage Rise time Fall time Start threshold voltage Stop threshold voltage Power supply voltage Input hysteresis voltage Shunt regulator voltage RDS(on) IDSS VDSS tr tf VIN(START) VIN(STOP) VIN VC
Control supply/discharge current ICD
2


▲Up To Search▲   

 
Price & Availability of MIP301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X